Part Number Hot Search : 
BAV21 25160 2SD401 36430 78L08A M600H ATF15 GB4571
Product Description
Full Text Search
 

To Download BD202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE182 (NPN) & NTE183 (PNP) Silicon Complementary Transistors General Purpose Amplifier, Switch
Description: The NTE182 (NPN) and NTE183 (PNP) are silicon transistors in a TO127 type case designed for use in general purpose amplifier and switching applications. Features: D DC Current Gain Specified to 10A D High Current Gain-Bandwidth Product: fT = 2MHz (Min) @ IC = 500mA Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.72W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.39C/W Electrical Characteristics: (TC =+25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage Collector Cutoff Current VCEO(sus) IC = 200mA, IB = 0, Note 1 ICEO ICEX VCE = 30V, IB = 0 VCE = 70V, VBE(off) = 1.5V VCE = 70V, VBE(off) = 1.5V, TC = +150C ICBO Emitter Cutoff Current IEBO VCB = 70V, IE = 0 VCB = 70V, IE = 0, TC = +150C VBE = 5V, IC = 0 60 - - - - - - - - - - - - - - 700 1.0 5.0 1.0 10 5.0 V A mA mA mA mA mA Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width 300s. Duty Cycle 2%.
Electrical Characteristics (Cont'd): (TC =+25C unless otherwise specified)
Parameter ON Characteristics (Note 1) DC Current Gain Base-Emitter ON Voltage Collector-Emitter Saturation Voltage Dynamic Characteristics Current Gain-Bandwidth Product fT IC = 500mA, VCE = 10V, f = 1MHz 2.0 - - MHz hFE VBE(on) VCE(sat) IC = 4A, VCE = 4V IC = 10A, VCE = 4V IC = 4A, VCE = 4V IC = 4A, IB = 400mA IC = 10A, IB = 3.3A 20 5.0 - - - - - - - - 100 - 1.8 1.1 8.0 V V V Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width 300s. Duty Cycle 2%.
.530 (13.4) Max .143 (3.65) Dia Thru
.668 (17.0) Max
E
B
.655 (16.6) Max
.166 (4.23)
C (Heat Sink Area)
Heat Sink Contact Area (Bottom)
.150 (3.82) Max


▲Up To Search▲   

 
Price & Availability of BD202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X